PART |
Description |
Maker |
ADM705 ADM706 ADM707 ADM708 |
Low Cost P Supervisor with 4.65V Threshold Voltage, Watchdog, Power Fail and Manual Reset Features and Active Low Reset Output 3 V, Voltage Monitoring P Supervisory Circuits Low Cost P Supervisor with 4.65V Threshold Voltage, Power Fail and Watchdog Features and Active Low and High Reset Outputs Low Cost P Supervisor with 4.4V Threshold Voltage, Power Fail and Watchdog Features and Active Low and High Reset Outputs
|
Analog Devices
|
SG6510D1 SG6510X1 |
PC power supply supervisor to provide the voltage supervisor function, remote on/off PSON function, power good (PGO) indicator and fault protection (FPO) for switching poer systems. PC Power Supply Supervisors
|
System General (SG) ETC[ETC] List of Unclassifed Manufacturers
|
MIC277605 |
Micro-Power Low Voltage Supervisor
|
Micrel Semiconductor
|
MIC2774 MIC2774H-XXBM5 MIC2774L-XXBM5 MIC2774N-XXB |
Dual Micro-Power Low Voltage Supervisor Advance Information 双路微功率低电压监控进展信息
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
DS1231 DS1231S DS1231_S DS1231-50 DS1231-20 DS1231 |
Low-Noise, High-Speed, 16-Bit Accurate CMOS Operational Amplifier 8-SOIC -40 to 125 电源监控芯片 Power Supply Supervisor Power Monitor Chip
|
Rohm Co., Ltd. Dallas Semiconducotr
|
MIC2774H-25YM5 MIC2774H-31YM5TR MIC2774H-46YM5TR M |
Dual Micro-Power Low Voltage Supervisor Dual Micro-Power Low Voltage Supervisor
|
Micrel Semiconductor
|
74VHCT373A 74VHCT373ASJX 74VHCT373M 74VHCT373AMTCX |
Supervisor w/5K Pull-Up Active Low, -40C to 85C, 3-TO-92, BAG From old datasheet system Octal D-Type Latch with 3-STATE Outputs Supervisor w/5K Pull-Up Active Low, -40C to 85C, 8-SOIC 150mil, TUBE 8-Bit D-Type Latch
|
Fairchild Semiconductor
|
X5163V14Z-2.7 X5163S8Z-4.5A X5165V14Z-4.5A X5165S8 |
CPU Supervisor with 16Kbit SPI EEPROM RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO14
|
http:// Intersil, Corp.
|
LTC2934 LTC2934ITS8-1-TRMPBF LTC2934ITS8-1-TRPBF L |
Ultra-Low Power Adjustable Supervisor with Power-Fail Output; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 Ultra-Low Power Adjustable Supervisor with Power-Fail Output; Package: SOT; No of Pins: 8; Temperature Range: -40°C to 85°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
CAT808NTFI-27-T1 CAT808NTFI-32-T1 CAT808NTDI-35GT3 |
Low-Power Precision Voltage Detector 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 HALOGEN FREE AND ROHS COMPLIANT, TSOT-23, 5 PIN Supervisor, Open drain, Act low 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3
|
Rectron Semiconductor
|
X40010S8-A X40010V8I-A X40015V8I-C X40014V8-C X400 |
Dual voltage monitoring CPU supervisor with power-on-reset, low voltage reset, watchdog timer, fault detection register, WDO output, active high reset RECTIFIER DIODES,COMMON CATHODE,1.5KV V(RRM),MODULE-S RS232 CURRENT LOOP INTRFACE General Purpose Relay 双电压监视器集成CPU监控 Dual Voltage Monitor with Integrated CPU Supervisor 双电压监视器集成CPU监控 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 双电压监视器集成CPU监控
|
Xicor Intersil, Corp.
|
ADM8697 ADM8697ARW |
bqTINY-II Dual Input USB/AC Adpater 1-Cell Li-Ion Charger w/Charge Enable & AC Present, No Taper 10-SON -40 to 85 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO16 P Supervisor with Chip Enable Signals, Adjustable Low Line Voltage Monitor, Adjustable Watchdog Timer, Low Line, Power Fail and Watchdog Status Outputs, Reduced Power Consumption. Upgrade for ADM697
|
Analog Devices, Inc.
|